Part Number Hot Search : 
FX6UMH2 A5800727 E000527 LA4175 MC10164P N4006 133BG AHYAAN
Product Description
Full Text Search
 

To Download DM-106B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM-106B
Magnetoresistance Element For the availability of this product, please contact the sales office.
Description The DM-106B is a highly sensitive magnetoresistance element composed of an evaporated ferromagnetic alloy on a silicon substrate. (The element can be used for automatic shut off of tape recorders, as a contactless switch, and as a general detector of rotational motion.) Features * Low power consumption M-110 (Plastic)
11 mW (Typ.) VCC=5 V * Low magnetic field and high sensitivity 80 mVp-p (Typ.) VCC=5 V H=8000 A/m * High reliability Ensured through silicon Nitride protective filming Structure Thin-film nickel-cobalt magnetic alloy on silicon substrate
Absolute Maximum Ratings (Ta=25 C) * Supply voltage VCC 10 * Operating temperature Topr -40 to +100 * Storage temperature Tstg -50 to +125 Recommended Operating Supply voltage 5
V C C V
Electrical Characteristics Item Total resistance Midpoint potential Output voltage Symbol RT VC VO Condition VCC=5 V , H=8000 A/m Revoiving magnetic field VCC=5 V , H=8000 A/m Revoiving magnetic field VCC=5 V , H=8000 A/m Revoiving magnetic field Min. 1.4 2.45 60 Typ. 2.3 2.50 80
(Ta=25 C) Max. 3.7 2.55 Unit k V mVp-p
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
--1--
E60142D5X-TE
DM-106B
Equivalent Circuit
H
RA
RB
RA max
RB min
RA : Resistance reduces as the magnetic field revolves. RB : Resistance increases as the magnetic field revolves.
1
2
3
1
2
3
Introduction 1. Power supplying pin output pin
106 B
321 RA RB
1
2
VCC
3
2. Sensitive direction vs. Midpoint potential
c b a Midpoint potential a e Sensitive e d Direction of Magnetic-flux Incidence
Non-sensitive
VCC 2
HS H
b
d Direction of Magnetic-flux Incidence
c
Useful Region
Changes occur to the output voltage at the saturation region of V-H curve according to the direction of magnetic flux. These changes provide for the operation. * With one rotation of magnetic flux, signals for 2 periods are obtained. --2--
DM-106B
Applications 1. Detection of revolution
N S
S N
N S NS SN S N
2. Position detecting
Circuits S N VCC
r1
r2
Differenntial Amplifier
3. Bridge Circuits
106 B Output
106 B
By coupling 2 pieces back to back and sticking them together in a gridge, the output voltage is doubled.
Notes on Application * Execute the solder to the lead line within 10 seconds at a temperature below 260 * To Fix the ELEMENTS : When glue is used, DO NOT apply mechanical stress to the elements.
--3--
DM-106B
Midpoint potential vs. Magnetic field intensity 2.55 VCC=5V
Midpoint potential vs. Direction of magnetic-flux incidence 2.55 2.54 2.53 1. VCC=5V H=12000A/m 2. Output 3. GND
2.53
VC-Midpoint potential (V)
GND VCC
2.54
106B
VC-Midpoint potential (V)
2.52 2.51 2.50
2.52 2.51 2.50 2.49 2.48 106B 2.47 2.46 321 45 90 H
2.48 2.47 2.46 2.45 0 4000 8000 12000
GND VCC
2.49
106B
16000
2.45 0
135
180
225
H-Revolving magnetic field intensity (A/m)
-Direction of magnetic-flux incidence (deg)
Output voltage vs. Magnetic field intensity 100 VCC=5V
Total resistance, output voltage vs. Temperature
VO-Output voltage (mVp-p)
VO-Output voltage (mVp-p)
80
120 110 100 90 80 70
60
RT
2.5
40
2.0 VO
20
60 50 1.5 0 4000 8000 12000 16000 --50 --25 0 25 50 75 100 125 150
0 H-Revolving magnetic field intensity (A/m) Ta-Ambient temperature (C)
Derating Curve 5
4 VCC=10V
IIN-Input current (mA)
3
2
1
0 --40 0 40 80 120 160 Ta-Ambient temperature (C)
--4--
RT-Total Resistance (k)
H=8000A/m (Revolving magnetic field) VCC=5V
3.0
DM-106B
Package Outline
Unit : mm
M-110
4.0 0.2
0.4
0.7 0.5 0.5
0.8 0.6 0.4
0.8
1.8
1.27
1.27
0.25 0.1
SONY CODE EIAJ CODE JEDEC CODE
M-110
1.2 0.1
2.0 0.2
PACKAGE WEIGHT
0.09g
--5--
12 MIN
3.0 0.2


▲Up To Search▲   

 
Price & Availability of DM-106B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X